Part Number Hot Search : 
AO640111 FDMF4061 TQDV125A MM1664D C4001 MAX1605 B1258 UPA27
Product Description
Full Text Search
 

To Download WS128K32NV-17H1MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 white electronic designs corporation ? (602) 437-1520 ? www.whiteedc.com white electronic designs ws128k32v-xxx march 2006 rev. 8 128kx32 3.3v sram module ? 3.3 volt power supply ? low power cmos ? ttl compatible inputs and outputs ? built-in decoupling caps and multiple ground pins for low noise operation ? weight ws128k32v-xg2ux - 8 grams typical ws128k32nv-xh1x - 13 grams typical * this product is subject to change without notice. ** commercial and industrial only. features ? access times of 15 ** , 17, 20, 25, 35ns ? mil-std-883 compliant devices available ? low voltage operation ? packaging ? 66-pin, pga type, 1.075 inch square hermetic ceramic hip (package 400) ? 68 lead, hermetic cqfp (g2u), 22.4mm (0.880 inch) square (package 510), 3.56mm (0.140 inch) high. ? organized as 128kx32; user con gurable as 256kx16 or 512kx8 ? commercial, industrial and military temperature ranges figure 1 ? pin configuration for ws128k32nv-xh1x pin description top view block diagram we 1 #cs 1 #cs 2 #cs 3 #cs 4 # we 4 # we 3 # we 2 # 128k x 8 128k x 8 128k x 8 128k x 8 oe# a 0-16 i/o 0-7 i/o 24-31 i/o 16-23 i/o 8-15 8888 i/o 0-31 data inputs/outputs a 0-16 address inputs we 1-4 # write enables cs 1-4 # chip selects oe# output enable v cc power supply gnd ground nc not connected i/o 8 i/o 9 i/o 10 a 13 a 14 a 15 a 16 nc i/o 0 i/o 1 i/o 2 we 2 # cs 2 # gnd i/o 11 a 10 a 11 a 12 v cc cs 1 # nc i/o 3 i/o 15 i/o 14 i/o 13 i/o 12 oe# nc we 1 # i/o 7 i/o 6 i/o 5 i/o 4 i/o 24 i/o 25 i/o 26 a 6 a 7 nc a 8 a 9 i/o 16 i/o 17 i/o 18 v cc cs 4 # we 4 # i/o 27 a 3 a 4 a 5 we 3 # cs 3 # gnd i/o 19 i/o 31 i/o 30 i/o 29 i/o 28 a 0 a 1 a 2 i/o 23 i/o 22 i/o 21 i/o 20 11 22 33 44 55 66 1 12 23 34 45 56
2 white electronic designs corporation ? (602) 437-1520 ? www.whiteedc.com white electronic designs ws128k32v-xxx march 2006 rev. 8 pin description block diagram figure 2 ? pin configuration for ws128k32v-xg2ux top view we 1 #cs 1 #cs 2 #cs 3 #cs 4 # we 4 # we 3 # we 2 # 128k x 8 128k x 8 128k x 8 128k x 8 oe# a 0-16 i/o 0-7 i/o 24-31 i/o 16-23 i/o 8-15 8888 i/o 0 i/o 1 i/o 2 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 gnd i/o 8 i/o 9 i/o 10 i/o 11 i/o 12 i/o 13 i/o 14 i/o 15 i/o 16 i/o 17 i/o 18 i/o 19 i/o 20 i/o 21 i/o 22 i/o 23 gnd i/o 24 i/o 25 i/o 26 i/o 27 i/o 28 i/o 29 i/o 30 i/o 31 v cc a 11 a 12 a 13 a 14 a 15 a 16 cs 1 # oe# cs 2 # nc we 2 # we 3 # we 4 # nc nc nc nc a 0 a 1 a 2 a 3 a 4 a 5 cs 3 # gnd cs 4 # we 1 # a 6 a 7 a 8 a 9 a 10 v cc 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 9 8 7 6 5 4 3 2 1 68 67 66 65 64 63 62 61 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 i/o 0-31 data inputs/outputs a 0-16 address inputs we 1-4 # write enables cs 1-4 # chip selects oe# output enable v cc power supply gnd ground nc not connected
3 white electronic designs corporation ? (602) 437-1520 ? www.whiteedc.com white electronic designs ws128k32v-xxx march 2006 rev. 8 truth table cs oe we mode data i/o power h x x standby high z standby l l h read data out active l x l write data in active l h h out disable high z active absolute maximum ratings parameter symbol min max unit operating temperature t a -55 +125 c storage temperature t stg -65 +150 c signal voltage relative to gnd v g -0.5 4.6 v junction temperature t j 150 c supply voltage v cc -0.5 5.5 v recommended operating conditions parameter symbol min max unit supply voltage v cc 3.0 3.6 v input high voltage v ih 2.2 v cc + 0.3 v input low voltage v il -0.3 +0.8 v capacitance t a = +25c, v in = 0v, f = 1.0 mhz parameter symbol max unit oe# capacitance c oe 50 pf we 1-4 # capacitance hip (pga) c we 20 pf cqfp g2u 15 cs 1-4 # capacitance c cs 20 pf data# i/o capacitance c i/o 20 pf address input capacitance c ad 50 pf this parameter is guaranteed by design but not tested. dc characteristics v cc = 3.3v 0.3v, v ss = 0v, -55c t a +125c parameter sym conditions min max units input leakage current i li v in = gnd to v cc 10 a output leakage current i lo cs# = v ih , oe# = v ih , v out = gnd to v cc 10 a operating supply current i cc x 32 cs# = v il , oe# = v ih , f = 5mhz 500 ma standby current i sb cs# = v ih , oe# = v ih , f = 5mhz 32 ma output low voltage v ol i ol = 6ma 0.4 v output high voltage v oh i oh = -4.0ma 2.4 v
4 white electronic designs corporation ? (602) 437-1520 ? www.whiteedc.com white electronic designs ws128k32v-xxx march 2006 rev. 8 figure 3 ? ac test circuit ac test conditions ac characteristics v cc = 3.3v, -55c t a +125c parameter write cycle symbol -15* -17 -20 -25 -35 units min max min max min max min max min max write cycle time t wc 15 17 20 25 35 ns chip select to end of write t cw 13 14 15 20 30 ns address valid to end of write t aw 13 14 15 20 30 ns data valid to end of write t dw 10 11 12 15 18 ns write pulse width t wp 13 14 15 20 30 ns address setup time t as 00000 ns address hold time t ah 00000 ns output active from end of write t ow 1 55555ns write enable to output in high z t whz 1 8 9 10 10 15 ns data hold time t dh 00000ns 1. this parameter is guaranteed by design but not tested. * commercial and industrial only. i current source d.u.t. c = 50 pf eff i ol v 1.5v (bipolar supply) z current source oh ac characteristics v cc = 3.3v, -55c t a +125c parameter read cycle symbol -15* -17 -20 -25 -35 units min max min max min max min max min max read cycle time t rc 15 17 20 25 35 ns address access time t aa 15 17 20 25 35 ns output hold from address change t oh 00000 ns chip select access time t acs 15 17 20 25 35 ns output enable to output valid t oe 10 11 12 15 20 ns chip select to output in low z t clz 1 55555ns output enable to output in low z t olz 1 55555ns chip disable to output in high z t chz 1 8 9 10 12 15 ns output disable to output in high z t ohz 1 8 9 10 12 15 ns 1. this parameter is guaranteed by design but not tested. * commercial and industrial only. notes: v z is programmable from -2v to +7v. i ol & i oh programmable from 0 to 16ma. tester impedance z0 = 75 y. v z is typically the midpoint of v oh and v ol . i ol & i oh are adjusted to simulate a typical resistive load circuit. ate tester includes jig capacitance. parameter typ unit input pulse levels v il = 0, v ih = 3.0 v input rise and fall 5 ns input and output reference level 1.5 v output timing reference level 1.5 v
5 white electronic designs corporation ? (602) 437-1520 ? www.whiteedc.com white electronic designs ws128k32v-xxx march 2006 rev. 8 ws32k32-xhx read cycle 2, (cs# = oe# = v il , we# = v ih ) read cycle 2 (we# = v ih ) cs# oe# write cycle 1, we# controlled cs# we# write cycle 2, cs# controlled cs# we# figure 4 ? timing waveform - read cycle figure 6 ? write cycle - cs# controlled figure 5 ? write cycle - we# controlled
6 white electronic designs corporation ? (602) 437-1520 ? www.whiteedc.com white electronic designs ws128k32v-xxx march 2006 rev. 8 package 400: 66 pin, pga type, ceramic hex-in-line package, hip (h1) all linear dimensions are millimeters and parenthetically in inches 4.60 (0.181)
7 white electronic designs corporation ? (602) 437-1520 ? www.whiteedc.com white electronic designs ws128k32v-xxx march 2006 rev. 8 package 510: 68 lead, low profile ceramic quad flat pack, cqfp (g2u) all linear dimensions are millimeters and parenthetically in inches
8 white electronic designs corporation ? (602) 437-1520 ? www.whiteedc.com white electronic designs ws128k32v-xxx march 2006 rev. 8 w s 128k 32 x v - xxx x x x lead finish: blank = gold plated leads a = solder dip leads device grade: m = military screened -55c to +125c i = industrial -40c to +85c c = commercial 0c to +70c package type: h1 = ceramic hex-in-line package, hip (package 400) g2u = 22.4mm ceramic quad flat pack, low pro le cqfp (package 510) access time (ns) low voltage supply 3.3v 10% improvement mark: n = no connect at pins 8, 21, 28, 39 in hip for upgrade. (h1 only) organization, 128kx32 user con gurable as 256kx16 or 512kx8 sram white electronic designs corp.


▲Up To Search▲   

 
Price & Availability of WS128K32NV-17H1MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X